Part Number Hot Search : 
TIP29A BC30UD LF33A 391ILX RC202 RC202 105R1A5 3NM60N
Product Description
Full Text Search
 

To Download 2SC582411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.03 - rev.c power transistor (60v, 3a) 2sc5824 ? features ? dimensions (unit : mm) 1) high speed switching. (tf : typ. : 30ns at i c = 3a) 2) low saturation voltage, typically (typ. : 200mv at i c = 2a, i b = 200ma) 3) strong discharge power for inductive load and capacitance load. 4) complements the 2sa2071. ? applications low frequency amplifier high speed switching ? structure npn silicon epitaxial planar transistor ? packaging specifications taping 2sc5824 type t100 1000 package basic ordering unit (pieces) code ? absolute maximum ratings (ta=25 ? c) parameter v v v a mw ? 1 pw = 100ms ? 2 each terminal mounted on a recommended land. ? 3 mounted on a 40x40x0.7(mm) ceramic substrate ? 2 ? 1 c a c v cbo v ceo i c p c tj v ebo i cp tstg symbol 60 60 6 3 6 500 w ? 3 p c 2.0 150 ? 55 to + 150 limits unit collector-base voltage collector-emitter voltage emitter-base voltage collector current power dissipation junction temperature range of storage temperature each lead has same dimensions abbreviated symbol : up mpt3 (1)base(gate) (2)collector(drain) (3)emitter(sourse)
2/3 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.03 - rev.c data sheet 2sc5824 ? electrical characteristics (ta=25 ? c) parameter symbol bv ebo i cbo i ebo v ce(sat) f t h fe c ob t on min. 6 ? ? ? 120 ? ? ? ? ? 200 ?? 20 50 ? 1.0 1.0 ? 200 500 390 ? ? ? i e = 100 a v ce = 2v, i c = 100ma v cb = 40v v eb = 4v i c = 2a, i b = 200ma i c = 3a, i b1 = 300ma i b2 = ? 300ma v cc 25v v ce = 10v, i e = ? 100ma, f = 10mhz v cb = 10v, i e = 0ma, f = 1mhz v a a mhz mv pf ns t stg ? 150 ? ns tf ? 30 ? ns typ. max. unit conditions bv ceo 60 ?? v i c = 1ma collector ? emitter breakdown voltage collector cut-off current dc current gain transition frequency collector output capacitance turn-on time storage time fall time emitter cut-off current collector ? emitter staturation voltage bv cbo 60 ?? i c = 100 a v collector ? base breakdown voltage emitter ? base breakdown voltage ? 2 ? 1  1 ? 1 non repetitive pulse ? 2 see switching charactaristics measurement circuits ? h fe rank qr 120-270 180-390 ? electrical characteristic curves v ce = 2v 0.01 0.1 10 1 collector current : i c (a) base to emitter voltage : v be (v) 0 0.5 1 1.5 2 fig.1 ground emitter propagation characteristics ta = 100 c ta = 125 c ta = 25 c ta = ? 40 c 0.001 0.01 0.1 1 0 1 1 10 100 1000 collector current : i c (a) dc current gain : h fe v ce = 5v v ce = 3v v ce = 2v fig.2 dc current gain vs. collector current ta = 25 c fig.3 dc current gain vs. collecto r current collector current : i c (a) dc current gain : h fe 0.001 0.01 0.1 10 1 1 10 100 1000 ta = 125 c ta = 100 c ta = 25 c ta = ? 40 c v ce = 2v 0.001 0.1 0.01 10 1 0.01 0.1 1 10 collector current : i c ( a) collector saturation voltage : v ce ( sat)(v) f ig.4 collector-emitter saturation voltag e vs. collector current i c /i b = 10/1 i c /i b = 20/1 ta = 25 c 0.001 0.01 0.1 0.01 0.1 1 10 collector saturation voltage : v ce (sat )(v) collector current : i c (a) 10 1 fig.5 collector-emitter saturation voltag e vs. collector current i c /i b = 10/1 ta = 125 c ta = 100 c ta = 25 c ta = ? 40 c collector current : i c (a) base emitter saturation voltage : v be (sat ) (v) fig.6 base-emitter saturation voltag e vs. collector current 0.001 0.01 0.1 10 1 10 1 0.1 ta = 100 c ta = 125 c i c /i b = 10/1 ta = 25 c ta = ? 40 c
3/3 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.03 - rev.c data sheet 2sc5824 1000 transition frequency : f t (mhz) emitter current : i e (a ) ? 1 0 ? 1 ? 0.1 ? 0.01 ? 0.001 100 10 1 fig.7 transition frequency ta = 25 c v ce = 10v 100 collector output capacitance : c ob ( pf ) collector to base voltage : v cb ( v) 10 0 10 1 0.1 10 1 fig.8 collector output capacitanc e ta = 25 c f = 1mhz fig.9 switching time 1 0.01 0.1 1 0 1000 100 10 collector current : i c (a) switching time (ns) ta = 25 c v cc = 25v i c /i b = 10/1 tstg tf ton ? switching characteristics measurement circuits collector current waveform base current waveform i b1 i b2 v in p w i c r l =8.3 v cc 25 v p w 50 s duty cycle 1% i b1 90% 10% i b2 i c ton tstg tf
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of 2SC582411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X